|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
10 MHz to 3 GHz VGA with 60 dB Gain Control Range ADL5330 FEATURES Voltage-controlled amplifier/attenuator Operating frequency 10 MHz to 3 GHz Optimized for controlling output power High linearity: OIP3 31 dBm @ 900 MHz Output noise floor: -150 dBm/Hz @ 900 MHz 50 input and output impedances Single-ended or differential operation Wide gain-control range: -34 dB to +22 dB @ 900 MHz Linear-in-dB gain control function, 20 mV/dB Single-supply 4.75 V to 5.25 V GAIN VPS1 GAIN CONTROL FUNCTIONAL BLOCK DIAGRAM ENBL VPS2 VPS2 VPS2 VPS2 VPS2 COM1 COM2 INHI RFIN INLO COM1 CONTINUOUSLY VARIABLE ATTENUATOR INPUT GM STAGE O/P OPHI (TZ) STAGE OPLO COM2 RFOUT BALUN BIAS AND VREF Transmit and receive power control at RF and IF VREF IPBS OPBS COM1 COM2 COM2 Figure 1. GENERAL DESCRIPTION The ADL5330 is a high performance, voltage-controlled variable gain amplifier/attenuator for use in applications with frequencies up to 3 GHz. The balanced structure of the signal path minimizes distortion while it also reduces the risk of spurious feed-forward at low gains and high frequencies caused by parasitic coupling. While operation between a balanced source and load is recommended, a single-sided input is internally converted to differential form. The input impedance is 50 from INHI to INLO. The outputs are usually coupled into a 50 grounded load via a 1:1 balun. A single supply of 4.75 V to 5.25 V is required. The 50 input system converts the applied voltage to a pair of differential currents with high linearity and good common rejection even when driven by a single-sided source. The signal currents are then applied to a proprietary voltage-controlled attenuator providing precise definition of the overall gain under the control of the linear-in-dB interface. The GAIN pin accepts a voltage from 0 V at minimum gain to 1.4 V at full gain with a 20 mV/dB scaling factor. The output of the high accuracy wideband attenuator is applied to a differential transimpedance output stage. The output stage sets the 50 differential output impedances and drives Pin OPHI and Pin OPLO. The ADL5330 has a power-down function. It can be powered down by a Logic LO input on the ENBL pin. The current consumption in power-down mode is 250 A. The ADL5330 is fabricated on an ADI proprietary high performance, complementary bipolar IC process. The ADL5330 is available in a 24-lead (4 mm x 4 mm), Pb-free LFCSP_VQ package and is specified for operation from ambient temperatures of -40C to +85C. An evaluation board is also available. Rev. A Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 (c) 2005 Analog Devices, Inc. All rights reserved. 05134-001 APPLICATIONS VPS1 VPS2 ADL5330 TABLE OF CONTENTS Specifications..................................................................................... 3 Absolute Maximum Ratings............................................................ 5 ESD Caution.................................................................................. 5 Pin Configuration and Function Descriptions............................. 6 Typical Performance Characteristics ............................................. 7 Theory of Operation ...................................................................... 12 Applications..................................................................................... 13 Basic Connections ...................................................................... 13 RF Input/Output Interface ........................................................ 14 Gain Control Input .................................................................... 15 Automatic Gain Control............................................................ 15 Interfacing to an IQ Modulator................................................ 17 WCDMA Transmit Application............................................... 18 CDMA2000 Transmit Application........................................... 19 Soldering Information ............................................................... 19 Evaluation Board ........................................................................ 20 Outline Dimensions ....................................................................... 24 Ordering Guide .......................................................................... 24 REVISION HISTORY 6/05--Rev. 0 to Rev. A Changes to Figure 1.......................................................................... 1 Changes to Table 1............................................................................ 3 Changes to Table 2............................................................................ 5 Changes to Table 3............................................................................ 6 Changes to Figure 27...................................................................... 11 Changes to Figure 35...................................................................... 14 Changes to the Gain Control Input Section................................ 15 Changes to Figure 42...................................................................... 17 4/05--Revision 0: Initial Version Rev. A | Page 2 of 24 ADL5330 SPECIFICATIONS VS = 5 V; TA = 25C; M/A-COM ETC1-1-13 1:1 balun at input and output for single-ended 50 match. Table 1. Parameter GENERAL Usable Frequency Range Nominal Input Impedance Nominal Output Impedance 100 MHz Gain Control Span Maximum Gain Minimum Gain Gain Flatness vs. Frequency Gain Control Slope Gain Control Intercept Input Compression Point Input Compression Point Output Third-Order Intercept (OIP3) Output Noise Floor 1 Noise Figure Input Return Loss 2 Output Return Loss2 450 MHz Gain Control Span Maximum Gain Minimum Gain Gain Flatness vs. Frequency Gain Control Slope Gain Control Intercept Input Compression Point Input Compression Point Output Third-Order Intercept (OIP3) Output Noise Floor1 Noise Figure Input Return Loss2 Output Return Loss2 900 MHz Gain Control Span Maximum Gain Minimum Gain Gain Flatness vs. Frequency Gain Control Slope Gain Control Intercept Input Compression Point Input Compression Point Output Third-Order Intercept (OIP3) Output Noise Floor1 Noise Figure Input Return Loss2 Output Return Loss2 Conditions Min 0.01 Via 1:1 single-sided-to-differential balun Via 1:1 differential-to-single-sided balun 3 dB gain law conformance VGAIN = 1.4 V VGAIN = 0.1 V 30 MHz around center frequency, VGAIN = 1.0 V (differential output) Gain = 0 dB, gain = slope (VGAIN - intercept) VGAIN = 1.2 V VGAIN = 1.4 V VGAIN = 1.4 V 20 MHz carrier offset, VGAIN = 1.4 V VGAIN = 1.4 V 1 V < VGAIN < 1.4 V 50 50 58 23 -35 0.09 20.7 0.88 1.8 -0.3 38 -140 7.8 -12.8 -15.5 57 22 -35 0.08 20.4 0.89 3.3 1.2 36 -146 8.0 -19 -13.4 53 21 -32 0.14 19.7 0.92 2.7 1.3 31.5 -144 9.0 -18 -18 Typ Max 3 Unit GHz dB dB dB dB mV/dB V dBm dBm dBm dBm/Hz dB dB dB dB dB dB dB mV/dB V dBm dBm dBm dBm/Hz dB dB dB dB dB dB dB mV/dB V dBm dBm dBm dBm/Hz dB dB dB 3 dB gain law conformance VGAIN = 1.4 V VGAIN = 0.1 V 30 MHz around center frequency, VGAIN = 1.0 V, (differential output) Gain = 0 dB, gain = slope (VGAIN - intercept) VGAIN = 1.2 V VGAIN = 1.4 V VGAIN = 1.4 V 20 MHz carrier offset, VGAIN = 1.4 V VGAIN = 1.4 V 1 V < VGAIN < 1.4 V 3 dB gain law conformance VGAIN = 1.4 V VGAIN = 0.2 V 30 MHz around center frequency, VGAIN = 1.0 V (differential output) Gain = 0 dB, gain = slope (VGAIN - intercept) VGAIN = 1.2 V VGAIN = 1.4 V VGAIN = 1.4 V 20 MHz carrier offset, VGAIN = 1.4 V VGAIN = 1.4 V 1 V < VGAIN < 1.4 V Rev. A | Page 3 of 24 ADL5330 Parameter 2200 MHz Gain Control Span Maximum Gain Minimum Gain Gain Flatness vs. Frequency Gain Control Slope Gain Control Intercept Input Compression Point Input Compression Point Output Third-Order Intercept (OIP3) Output Noise Floor1 Noise Figure Input Return Loss2 Output Return Loss2 2700 MHz Gain Control Span Maximum Gain Minimum Gain Gain Flatness vs. Frequency Gain Control Slope Gain Control Intercept Input Compression Point Input Compression Point Output Third-Order Intercept (OIP3) Output Noise Floor1 Noise Figure Input Return Loss2 Output Return Loss2 GAIN CONTROL INPUT Gain Control Voltage Range 3 Incremental Input Resistance Response Time POWER SUPPLIES Voltage Current, Nominal Active Current, Disabled 1 2 3 Conditions 3 dB gain law conformance VGAIN = 1.4 V VGAIN = 0.6 V 30 MHz around center frequency, VGAIN = 1.0 V (differential output) Gain = 0 dB, gain = slope (VGAIN - intercept) VGAIN = 1.2 V VGAIN = 1.4 V VGAIN = 1.4 V 20 MHz carrier offset, VGAIN = 1.4 V VGAIN = 1.4 V 1 V < VGAIN < 1.4 V Min Typ 46 16 -30 0.23 16.7 1.06 0.9 -2.0 21.2 -147 12.5 -11.7 -9.5 42 10 -32 0.3 16 1.15 1.2 -0.9 17 -152 14.7 -9.7 -5 Max Unit dB dB dB dB mV/dB V dBm dBm dBm dBm/Hz dB dB dB dB dB dB dB mV/dB V dBm dBm dBm dBm/Hz dB dB dB 3 dB gain law conformance VGAIN = 1.4 V VGAIN = 0.7 V 30 MHz around center frequency, VGAIN = 1.0 V (differential output) Gain = 0 dB, gain = slope (VGAIN - intercept) VGAIN = 1.2 V VGAIN = 1.4 V VGAIN = 1.4 V 20 MHz carrier offset, VGAIN = 1.4 V VGAIN = 1.4 V 1 V < VGAIN < 1.4 V GAIN pin 0 GAIN pin to COM1 pin Full scale: to within 1 dB of final gain 3 dB gain step, POUT to within 1 dB of final gain Pin VPS1, Pin VPS2, Pin COM1, Pin COM2, Pin ENBL 4.75 VGN = 0 V VGN = 1.4 V ENBL = LO 1.4 1 380 20 5 100 215 250 5.25 V M ns ns V mA mA A Noise floor varies slightly with output power level. See Figure 9 through Figure 13. See Figure 27 and Figure 29 for differential input and output impedances. Minimum gain voltage varies with frequency. See Figure 3 through Figure 7. Rev. A | Page 4 of 24 ADL5330 ABSOLUTE MAXIMUM RATINGS Table 2. Parameter Supply Voltage VPS1, VPS2 RF Input Power at Maximum Gain OPHI, OPLO ENBL GAIN Internal Power Dissipation JA (with Pad Soldered to Board) Maximum Junction Temperature Operating Temperature Range Storage Temperature Range Lead Temperature Range (Soldering 60 sec) Rating 5.5 V 5 dBm at 50 5.5 V VPS1, VPS2 2.5 V 1.1 W 60C/W 150C -40C to +85C -65C to +150C 300C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. Rev. A | Page 5 of 24 ADL5330 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS 24 GAIN 23 ENBL 22 VPS2 21 VPS2 20 VPS2 19 VPS2 VPS1 COM1 INHI INLO COM1 VPS1 1 2 3 4 5 6 PIN 1 INDICATOR ADL5330 TOP VIEW (Not to Scale) 18 VPS2 17 COM2 16 OPHI 15 OPLO 14 COM2 13 VPS2 VREF 7 IPBS 8 OPBS 9 COM1 10 GNLO 11 COM2 12 Figure 2. Pin Configuration Table 3. Pin Function Descriptions Pin No. 1, 6, 13, 18 to 22 2, 5, 10 3, 4 7 8 9 11 12, 14, 17 15 16 23 24 Mnemonic VPS1, VPS2 COM1 INHI, INLO VREF IPBS OPBS GNLO COM2 OPLO OPHI ENBL GAIN Descriptions Positive Supply. Nominally equal to 5 V. Common for Input Stage. Differential Inputs, AC-Coupled. Voltage Reference. Output at 1.5 V; normally ac-coupled to ground. Input Bias. Normally ac-coupled to ground. Output Bias. AC-Coupled to ground. Gain Control Common. Connect to ground. Common for Output Stage. Low Side of Differential Output. Bias to VP with RF chokes. High Side of Differential Output. Bias to VP with RF chokes. Device Enable. Apply logic high for normal operation. Gain Control Voltage Input. Nominal range 0 V to 1.4 V. Rev. A | Page 6 of 24 05134-002 ADL5330 TYPICAL PERFORMANCE CHARACTERISTICS 30 20 10 0 -40C ERROR 4 3 30 20 -40C ERROR -40C GAIN +25C ERROR 12 9 6 GAIN LAW CONFORMANCE (dB) GAIN LAW CONFORMANCE (dB) 05134-008 05134-007 05134-006 2 1 0 +25C ERROR -1 +85C GAIN -2 +85C ERROR +25C GAIN -40C GAIN 0 0.2 0.4 0.6 0.8 VGAIN (V) 1.0 1.2 -3 GAIN LAW CONFORMANCE (dB) 10 0 GAIN (dB) -10 -20 -30 -40 +25C GAIN +85C GAIN 0.6 0.8 VGAIN (V) 1.0 1.2 +85C ERROR 3 0 -3 -6 -9 -12 1.4 GAIN (dB) -10 -20 -30 -40 -50 05134-003 -4 1.4 -50 0 0.2 0.4 Figure 3. Gain and Gain Law Conformance vs. VGAIN over Temperature at 100 MHz 30 -40C GAIN 20 10 0 3 2 1 0 +25C ERROR -20 +85C ERROR -30 -40 +25C GAIN 0 0.2 0.4 0.6 0.8 VGAIN (V) 1.0 1.2 05134-004 Figure 6. Gain and Gain Law Conformance vs. VGAIN over Temperature at 2200 MHz 4 20 10 -40C ERROR -40C GAIN 12 9 6 3 0 -3 +25C ERROR -40 +85C ERROR -50 +85C GAIN -4 1.4 -60 0 0.2 0.4 0.6 0.8 VGAIN (V) 1.0 1.2 -12 1.4 -9 -6 GAIN LAW CONFORMANCE (dB) 0 -10 GAIN (dB) -20 -30 +25C GAIN GAIN (dB) -40C ERROR +85C GAIN -10 -1 -2 -3 -50 Figure 4. Gain and Gain Law Conformance vs. VGAIN over Temperature at 450 MHz 30 -40C GAIN 20 +25C GAIN 10 0 -40C ERROR 2 1 0 -1 -2 +85C GAIN +85C ERROR -3 05134-005 Figure 7. Gain and Gain Law Conformance vs. VGAIN over Temperature at 2700 MHz 4 3 180 160 GAIN LAW CONFORMANCE (dB) GAIN CONTROL SLOPE (dB/V) 140 120 100 VGAIN = 1.0V 80 60 40 20 0 10 GAIN (dB) -10 -20 -30 -40 -50 0 0.2 0.4 0.6 0.8 VGAIN (V) 1.0 1.2 +25C ERROR -4 1.4 100 1,000 FREQUENCY (kHz) 10,000 Figure 5. Gain and Gain Law Conformance vs. VGAIN over Temperature at 900 MHz Figure 8. Frequency Response of Gain Control Input, Carrier Frequency = 900 MHz Rev. A | Page 7 of 24 ADL5330 40 OIP3 30 20 10 0 -10 OUTPUT P1dB -20 -30 -40 0 0.2 0.4 0.6 0.8 VGAIN (V) 1.0 1.2 -145 -150 05134-009 -115 -120 -125 30 OIP3 20 10 -115 -120 -125 -130 -135 -140 -145 -150 05134-012 NOISE FLOOR (dBm/Hz) INPUT P1dB POWER (dBm) POWER (dBm) -130 -135 -140 0 -10 -20 -30 -40 -50 0 0.2 0.4 0.6 0.8 VGAIN (V) 1.0 1.2 OUTPUT P1dB -155 1.4 -155 1.4 Figure 9. Input Compression Point, Output Compression Point, OIP3, and Noise Floor vs. VGAIN at 100 MHz 40 OIP3 30 20 10 0 -10 OUTPUT P1dB -20 -30 -40 0 0.2 0.4 0.6 0.8 VGAIN (V) 1.0 1.2 -145 -150 05134-010 Figure 12. Input Compression Point, Output Compression Point, OIP3, and Noise Floor vs. VGAIN at 2200 MHz 30 20 INPUT P1dB 10 OIP3 -120 -125 -130 -135 -140 OUTPUT P1dB -20 -30 -40 -50 0 0.2 0.4 0.6 0.8 VGAIN (V) 1.0 1.2 -145 -150 -155 05134-013 -115 -120 -125 INPUT P1dB NOISE FLOOR (dBm/Hz) POWER (dBm) POWER (dBm) -130 -135 -140 0 -10 -155 1.4 -160 1.4 Figure 10. Input Compression Point, Output Compression Point, OIP3, and Noise Floor vs. VGAIN at 450 MHz 40 30 OIP3 20 10 0 -10 OUTPUT P1dB -20 -30 -40 0 0.2 0.4 0.6 0.8 VGAIN (V) 1.0 1.2 -145 -150 05134-011 Figure 13. Input Compression Point, Output Compression Point, OIP3, and Noise Floor vs. VGAIN at 2700 MHz T T -115 -120 -125 INPUT P1dB -130 -135 -140 NOISE FLOOR (dBm/Hz) POWER (dBm) 2 CH1 200mV CH2 100mV M100ns A CH4 T 382.000ns 2.70V Figure 11. Input Compression Point, Output Compression Point, OIP3, and Noise Floor vs. VGAIN at 900 MHz Figure 14. Step Response of Gain Control Input Rev. A | Page 8 of 24 05134-014 -155 1.4 1 NOISE FLOOR (dBm/Hz) NOISE FLOOR (dBm/Hz) INPUT P1dB ADL5330 40 OIP3 (-40C) 30 20 OIP3, OP1dB (dBm) 20 10 30 10 0 OIP3 (+25C) -10 -20 -30 -40 -50 0 0.2 OIP3, OP1dB (dBm) OIP3 (+85C) OP1dB (-40C) 0 -10 -20 -30 -40 OIP3 (-40C) OIP3 (+85C) OIP3 (+25C) OP1dB (+85C) OP1dB (+85C) OP1dB (+25C) 05134-015 OP1dB (-40C) -50 0 0.2 0.4 OP1dB (+25C) 0.6 0.8 VGAIN (V) 1.0 1.2 1.4 05134-018 05134-020 05134-019 0.4 0.6 0.8 VGAIN (V) 1.0 1.2 1.4 Figure 15. OP1dB and OIP3 vs. Gain over Temperature at 100 MHz Figure 18. OP1dB and OIP3 vs. Gain over Temperature at 2200 MHz 20 40 OIP3 (+85C) 30 20 10 0 OIP3 (-40C) OIP3 (+25C) OIP3, OP1dB (dBm) 10 0 -10 -20 -30 OIP3, OP1dB (dBm) OIP3 (+85C) -10 OIP3 (+25C) -20 OIP3 (-40C) -30 -40 OP1dB (-40C) OP1dB (+25C) OP1dB (+25C) OP1dB (+85C) OP1dB (-40C) 05134-016 OP1dB (+85C) -50 0 0.2 0.4 0.6 0.8 VGAIN (V) 1.0 1.2 1.4 0.6 0.8 VGAIN (V) 1.0 1.2 1.4 -40 0 0.2 0.4 Figure 16. OP1dB and OIP3 vs. Gain over Temperature at 450 MHz 40 OP1dB (+25C) 30 20 OIP3 (+85C) Figure 19. OP1dB and OIP3 vs. Gain over Temperature at 2700 MHz 250 OIP3 (-40C) 200 OIP3, OP1dB (dBm) 10 OIP3 (+25C) 0 -10 -20 TEMP = +85C ISUPPLY (mA) 150 TEMP = +25C TEMP = -40C 100 OP1dB (+85C) 50 -30 OP1dB (-40C) 0 0.2 0.4 0.6 0.8 VGAIN (V) 1.0 1.2 1.4 05134-017 -40 0 0 0.2 0.4 0.6 0.8 VGAIN (V) 1.0 1.2 1.4 Figure 17. OP1dB and OIP3 vs. Gain over Temperature at 900 MHz Figure 20. Supply Current vs. VGAIN and Temperature Rev. A | Page 9 of 24 ADL5330 70 60 50 40 30 20 10 0 18.5 19 19.5 20 20.5 21 21.5 22 22.5 23 23.5 24 24.5 OP1dB (dBm) 30 25 PERCENTAGE (%) 05134-021 PERCENTAGE (%) 20 15 10 5 OIP3 (dBm) Figure 21. OP1dB Distribution at 900 MHz at Maximum Gain, VGAIN = 1.4 V Figure 24. OIP3 Distribution at 2200 MHz at Maximum Gain; VGAIN = 1.4 V 30 30 VGAIN = 1.4V 20 VGAIN = 1.2V VGAIN = 1.0V VGAIN = 0.8V VGAIN = 0.6V VGAIN = 0.4V VGAIN = 0.2V 25 10 PERCENTAGE (%) 20 0 GAIN (dB) 15 -10 -20 -30 10 5 -40 05134-022 05134-025 05134-026 0 9.5 10 10.5 11 11.5 12 12.5 13 13.5 14 14.5 15 15.5 16 OP1dB (dBm) -50 10 100 1,000 FREQUENCY (MHz) 10,000 Figure 22. OP1dB Distribution at 2200 MHz at Maximum Gain, VGAIN = 1.4 V 30 30 Figure 25. Gain vs. Frequency (Differential) VGAIN = 1.4V 20 25 10 VGAIN = 1.2V VGAIN = 1.0V VGAIN = 0.8V VGAIN = 0.6V VGAIN = 0.4V VGAIN = 0.2V PERCENTAGE (%) 20 0 GAIN (dB) 15 -10 -20 -30 10 5 -40 -50 10 28.5 29.5 30.5 31.5 32.5 33.5 34.5 33.5 OIP3 (dBm) 05134-023 0 28 29 30 31 32 33 34 35 100 1,000 FREQUENCY (MHz) 10,000 Figure 23. OIP3 Distribution at 900 MHz at Maximum Gain, VGAIN = 1.4 V Figure 26. Gain vs. Frequency (Using ETC1-1-13 Baluns) Rev. A | Page 10 of 24 05134-024 0 18 18.5 19 19.5 20 20.5 21 21.5 22 22.5 23 23.5 24 ADL5330 90 120 60 120 90 60 150 VGAIN = 0.2V 3GHz 180 VGAIN = 1.2V 1.9GHz 210 450MHz 30 150 450MHz VGAIN = 1.2V VGAIN = 0.2V 30 0 180 3GHz 1.9GHz 0 330 210 330 240 300 270 05134-028 240 270 Figure 27. Input Impedance (Differential) 0 -5 -10 -15 -20 -25 -30 -35 100 05134-027 300 Figure 29. Output Impedance (Differential) 0 -5 -10 -15 -20 -25 -30 -35 100 S11 (dB) 05134-029 S11 (dB) 600 1100 1600 2100 FREQUENCY (MHz) 2600 600 1100 1600 2100 FREQUENCY (MHz) 2600 Figure 28. Input Return Loss with ETC1-1-13 Baluns Figure 30. Output Return Loss with ETC1-1-13 Baluns Rev. A | Page 11 of 24 05134-030 ADL5330 THEORY OF OPERATION The ADL5330 is a high performance, voltage-controlled variable gain amplifier/attenuator for use in applications with frequencies up to 3 GHz. This device is intended to serve as an output variable gain amplifier (OVGA) for applications where a reasonably constant input level is available and the output level adjusts over a wide range. One aspect of an OVGA is the output metrics, IP3 and P1dB, decrease with decreasing gain. The signal path is fully differential throughout the device in order to provide the usual benefits of differential signaling, including reduced radiation, reduced parasitic feedthrough, and reduced susceptibility to common-mode interference with other circuits. Figure 31 provides a simplified schematic of the ADL5330. Linear-in-dB gain control is accomplished by the application of a voltage in the range of 0 Vdc to 1.4 Vdc to the gain control pin, with maximum gain occurring at the highest voltage. The output of the ladder attenuator is passed into a fixed-gain transimpedance amplifier (TZA) to provide gain and buffer the ladder terminating impedance from load variations. The TZA uses feedback to improve linearity and to provide controlled 50 differential output impedance. The quiescent current of the output amplifier is adaptive; it is slaved to the gain control voltage to conserve power at times when the gain (and hence, output power) are low. The outputs of the ADL5330 require external dc bias to the positive supply voltage. This bias is typically supplied through external inductors. The outputs are best taken differentially to avoid any common-mode noise that is present, but, if necessary, can be taken single-ended from either output. If only a single output is used, it is still necessary to provide bias to the unused output pin, and it is advisable to arrange a reasonably equivalent ac load on the unused output. Differential output can be taken via a 1:1 balun into a 50 environment. In virtually all cases, it is necessary to use dc blocking in the output signal path. At high gain settings, the noise floor is set by the input stage, in which case the noise figure (NF) of the device is essentially independent of the gain setting. Below a certain gain setting, however, the input stage noise that reaches the output of the attenuator falls below the input-equivalent noise of the output stage. In such a case, the output noise is dominated by the output stage itself; therefore, the overall NF of the device gets worse on a dB-per-dB basis, because the gain is reduced below the critical value. Figure 9 through Figure 13 provide details of this behavior. TRANSIMPEDANCE AMPLIFIER INHI INLO OPHI OPLO Gm STAGE GAIN CONTROL Figure 31. Simplified Schematic A controlled input impedance of 50 is achieved through a combination of passive and active (feedback-derived) termination techniques in an input Gm stage. The input compression point of the Gm stage is 1 dBm to 3 dBm, depending on the input frequency. Note that the inputs of the Gm stage are internally biased to a dc level, and dc blocking capacitors are generally needed on the inputs to avoid upsetting operation of the device. The currents from the Gm stage are then injected into a balanced ladder attenuator at a deliberately diffused location along the ladder, wherein the location of the centroid of the injection region is dependent on the applied gain control voltage. The steering of the current injection into the ladder is accomplished by proprietary means to achieve linear-in-dB gain control and low distortion. Rev. A | Page 12 of 24 05134-031 ADL5330 APPLICATIONS BASIC CONNECTIONS Figure 32 shows the basic connections for operating the ADL5330. There are two positive supplies, VPS1 and VPS2, which must be connected to the same potential. Both COM1 and COM2 (common pins) should be connected to a low impedance ground plane. A power supply voltage between 4.75 V and 5.25 V should be applied to VPS1 and VPS2. Decoupling capacitors with 100 pF and 0.1 F power supplies should be connected close to each power supply pin. The VPS2 pins (Pin 18 through Pin 22) can share a pair of decoupling capacitors because of their proximity to each other. The outputs of the ADL5330, OPHI and OPLO, are open collectors that need to be pulled up to the positive supply with 120 nH RF chokes. The ac-coupling capacitors and the RF chokes are the principle limitations for operation at low frequencies. For example, to operate down to 1 MHz, 0.1 F accoupling capacitors and 1.5 H RF chokes should be used. Note that in some circumstances, the use of substantially larger inductor values results in oscillations. Since the differential outputs are biased to the positive supply, ac-coupling capacitors, preferably 100 pF, are needed between the ADL5330 outputs and the next stage in the system. Similarly, the INHI and INLO input pins are at bias voltages of about 3.3 V above ground. The nominal input and output impedance looking into each individual RF input/output pin is 25 . Consequently, the differential impedance is 50 . To enable the ADL5330, the ENBL pin must be pulled high. Taking ENBL low puts the ADL5330 in sleep mode, reducing current consumption to 250 A at ambient. The voltage on ENBL must be greater than 1.7 V to enable the device. When enabled, the device draws 100 mA at low gain to 215 mA at maximum gain. VPOS VPOS C1 0.1F C3 0.1F C2 100pF GAIN C4 100pF VPS2 VPS2 VPS2 C12 0.1F C16 100pF C13 100pF ENBL VPS2 GAIN VPOS VPS1 COM1 INHI RF INPUT INLO C14 100pF VPOS C12 0.1F C11 100pF COM1 L1 120nH L2 120nH C5 100pF RF OUTPUT VPS2 COM2 OPHI ADL5330 OPLO COM2 C6 100pF GNLO COM1 COM2 OPBS VPS1 VPS2 C7 100pF VREF IPBS VPOS Figure 32. Basic Connections Rev. A | Page 13 of 24 05334-032 C10 1nF C9 1nF C8 0.1F ADL5330 RF INPUT/OUTPUT INTERFACE The ADL5330 is primarily designed for differential signals; however, there are several configurations that can be implemented to interface the ADL5330 to single-ended applications. Figure 33 to Figure 35 show three options for differential-to-single-ended interfaces. All three configurations use ac-coupling capacitors at the input/output and RF chokes at the output. +5V band baluns can be used for applications requiring lower insertion loss over smaller bandwidths. The device can be driven single-ended with similar performance, as shown in Figure 34. The single-ended input interface can be implemented by driving one of the input terminals and terminating the unused input to ground. To achieve the optimal performance, the output must remain balanced. In the case of Figure 34, a transformer balun is used at the output. As an alternative to transformer baluns, lumped-element baluns comprised of passive L and C components can be designed at specific frequencies. Figure 35 illustrates differential balance at the input and output of the ADL5330 using discrete lumpedelement baluns. The lumped-element baluns present 180 of phase difference while also providing impedance transformation from source to load, and vice versa. Table 4 lists recommended passive values for various center frequencies with single-ended impedances of 50 . Agilent's free AppCADTM program allows for simple calculation of passive components for lumped-element baluns. The lumped-element baluns offer 0.5 dB flatness across 50 MHz for 900 MHz and 2200 MHz. At 2.7 GHz, the frequency band is limited by stray capacitances that dominate the passive components in the lumped-element balun at these high frequencies. Thus, PCB parasitics must be considered during lumped-element balun design and board layout. Table 4. Recommended Passive Values for Lumped-Element Balun, 50 Impedance Match Center Frequency 100 MHz 900 MHz 2.2 GHz 2.7 GHz Ci 27 pF 3.3 pF 1.5 pF 1.5 pF Input Li 82 nH 9 nH 3.3 nH 2.4 nH Cip 1 pF 16 nH Co 33 pF 3.9 pF 1.5 pF 1.3 pF Output Lo 72 nH 8.7 nH 3.6 nH 2.7 nH Cop 3.3 pF 0.5 pF 27 nH 33 nH 120nH 120nH 100pF RFIN 100pF ETC1-1-13 INHI ADL5330 RF VGA OPHI OPLO INLO 100pF RFOUT 100pF ETC1-1-13 Figure 33. Differential Operation with Balun Transformers +5V 120nH 120nH 100pF RFIN 100pF ADL5330 RF VGA INHI INLO OPHI OPLO 100pF RFOUT 100pF ETC1-1-13 05134-041 Figure 34. Single-Ended Drive with Balanced Output Figure 33 illustrates differential balance at the input and output using a transformer balun. Input and output baluns are recommended for optimal performance. Much of the characterization for the ADL5330 was completed using 1:1 baluns at the input and output for single-ended 50 match. Operation using M/A-COM ETC1-1-13 transmission line transformer baluns is recommended for a broadband interface; however, narrow- 05134-033 +5V 120nH 120nH Li Ci RFIN Ci 100pF INHI OPHI 100pF Lo Co Co RFOUT Cip ADL5330 RF VGA INLO OPLO Cop Ci Figure 35. Differential Operation with Discrete LC Baluns Rev. A | Page 14 of 24 05134-035 Li Ci 100pF 100pF Co Lo Co ADL5330 GAIN CONTROL INPUT When the VGA is enabled, the voltage applied to the GAIN pin sets the gain. The input impedance of the GAIN pin is 1 M. The gain control voltage range is between 0 V and +1.4 V, which corresponds to a typical gain range between -38 dB and +22 dB. The useful lower limit of the gain control voltage increases at high frequencies to about 0.5 V and 0.6 V for 2.2 GHz and 2.7 GHz, respectively. The supply current to the ADL5330 can vary from approximately 100 mA at low gain control voltages to 215 mA at 1.4 V. The 1 dB input compression point remains constant at 3 dBm through the majority of the gain control range, as shown in Figure 9 through Figure 13. The output compression point increases dB for dB with increasing gain setting. The noise floor is constant up to 1 V where it begins to rise. The bandwidth on the gain control pin is approximately 3 MHz. Figure 14 shows the response time of a pulse on the GAIN pin. DAC The detector's error amplifier uses CFLT, a ground-referenced capacitor pin, to integrate the error signal (in the form of a current). A capacitor must be connected to CFLT to set the loop bandwidth and to ensure loop stability. +5V +5V VPOS RFIN INHI INLO COMM OPHI ADL5330 OPLO GAIN DIRECTIONAL COUPLER ATTENUATOR VOUT LOG AMP OR TRUPWR DETECTOR VSET CLPF 05134-036 RFIN AUTOMATIC GAIN CONTROL Although the ADL5330 provides accurate gain control, precise regulation of output power can be achieved with an automatic gain control (AGC) loop. Figure 36 shows the ADL5330 in an AGC loop. The addition of the log amp (AD8318/AD8315) or a TruPwrTM detector (AD8362) allows the AGC to have improved temperature stability over a wide output power control range. To operate the ADL5330 in an AGC loop, a sample of the output RF must be fed back to the detector (typically using a directional coupler and additional attenuation). A setpoint voltage is applied to the VSET input of the detector while VOUT is connected to the GAIN pin of the ADL5330. Based on the detector's defined linear-in-dB relationship between VOUT and the RF input signal, the detector adjusts the voltage on the GAIN pin (the detector's VOUT pin is an error amplifier output) until the level at the RF input corresponds to the applied setpoint voltage. The GAIN setting settles to a value that results in the correct balance between the input signal level at the detector and the setpoint voltage. Figure 36. ADL5330 in AGC Loop The basic connections for operating the ADL5330 in an AGC loop with the AD8318 are shown in Figure 37. The AD8318 is a 1 MHz to 8 GHz precision demodulating logarithmic amplifier. It offers a large detection range of 60 dB with 0.5 dB temperature stability. This configuration is similar to Figure 36. The gain of the ADL5330 is controlled by the output pin of the AD8318. This voltage, VOUT, has a range of 0 V to near VPOS. To avoid overdrive recovery issues, the AD8318 output voltage can be scaled down using a resistive divider to interface with the 0 V to 1.4 V gain control range of ADL5330. A coupler/attenuation of 23 dB is used to match the desired maximum output power from the VGA to the top end of the linear operating range of the AD8318 (at approximately -5 dBm at 900 MHz). Rev. A | Page 15 of 24 ADL5330 +5V RF INPUT SIGNAL VPOS 100pF INHI INLO 100pF GAIN OPHI COMM 120nH 100pF +5V RF OUTPUT SIGNAL 120nH ADL5330 OPLO 100pF DIRECTIONAL COUPLER 412 1k SETPOINT VOLTAGE DAC VOUT VSET +5V ATTENUATOR VPOS INHI 1nF AD8318 LOG AMP CLPF INLO 1nF 05134-037 220pF COMM Figure 37. ADL5330 Operating in an Automatic Gain Control Loop in Combination with the AD8318 Figure 38 shows the transfer function of the output power vs. the VSET voltage over temperature for a 900 MHz sine wave with an input power of -1.5 dBm. Note that the power control of the AD8318 has a negative sense. Decreasing VSET, which corresponds to demanding a higher signal from the ADL5330, tends to increase GAIN. The AGC loop is capable of controlling signals just under the full 60 dB gain control range of the ADL5330. The performance over temperature is most accurate over the highest power range, where it is generally most critical. Across the top 40 dB range of output power, the linear conformance error is well within 0.5 dB over temperature. 30 20 10 4 3 2 1 0 -1 -2 In order for the AGC loop to remain in equilibrium, the AD8318 must track the envelope of the ADL5330 output signal and provide the necessary voltage levels to the ADL5330's gain control input. Figure 39 shows an oscilloscope screenshot of the AGC loop depicted in Figure 37. A 100 MHz sine wave with 50% AM modulation is applied to the ADL5330. The output signal from the ADL5330 is a constant envelope sine wave with amplitude corresponding to a setpoint voltage at the AD8318 of 1.5 V. Also shown is the gain control response of the AD8318 to the changing input envelope. T AM MODULATED INPUT 1 T AD8318 OUTPUT OUTPUT POWER (dBm) 0 -10 -20 -30 -40 -50 0.4 ERROR (dB) 3 ADL5330 OUTPUT -3 05134-038 CH1 250mV CH3 250mV M2.00ms A CH4 T 0.00000s 1.80V 0.6 0.8 1.0 1.2 1.4 1.6 SETPOINT VOLTAGE (V) 1.8 2.0 -4 2.2 Figure 39. Oscilloscope Screenshot Showing an AM Modulated Input Signal Figure 38. ADL5330 Output Power vs. AD8318 Setpoint Voltage, PIN = -1.5 dBm The broadband noise added by the logarithmic amplifier is negligible. Rev. A | Page 16 of 24 05134-039 ADL5330 Figure 40 shows the response of the AGC RF output to a pulse on VSET. As VSET decreases to 1 V, the AGC loop responds with an RF burst. Response time and the amount of signal integration are controlled by the capacitance at the AD8318 CFLT pin--a function analogous to the feedback capacitor around an integrating amplifier. An increase in the capacitance results in slower response time. T AD8318 WITH PULSED VSET T The output of the AD8349 is designed to drive 50 loads and easily interfaces with the ADL5330. The input to the ADL5330 can be driven single-ended, as shown in Figure 42. Similar configurations are possible with the AD8345 (250 MHz to 1 GHz) and AD8346 (800 MHz to 2.5 GHz) quadrature modulators. Figure 41 shows how output power, EVM, ACPR, and noise vary with the gain control voltage. VGAIN is varied from 0 V to 1.4 V. Figure 41 shows that the modulation generated by the AD8349 is a 1 GHz 64 QAM waveform with a 1 MHz symbol rate. The ACPR values are measured in 1 MHz bandwidths at 1.1 MHz and 2.2 MHz carrier offsets. Noise floor is measured at a 20 MHz carrier offset. 20 4.5 OUTPUT POWER 4.0 3.5 ACPR 1.1MHz OFFSET 3.0 1 OUTPUT POWER (dBm) ACPR (dBm) (1MHz BANDWIDTH) NOISE (dBm/Hz) (20MHz CARRIER OFFSET) 0 -20 -40 -60 -80 -100 -120 NOISE FLOOR -140 -160 0 0.2 0.4 ADL5330 OUTPUT 2 CH1 2.00V CH2 50.0mV M10.0s A CH1 T 20.2000s 2.60V 05134-040 2.0 ACPR 2.2MHz OFFSET EVM 1.0 0.5 1.5 Figure 40. Oscilloscope Screenshot Showing the Response Time of the AGC Loop 0.6 0.8 VGAIN (V) 1.0 1.2 INTERFACING TO AN IQ MODULATOR The basic connections for interfacing the AD8349 with the ADL5330 are shown in Figure 42. The AD8349 is an RF quadrature modulator with an output frequency range of 700 MHz to 2.7 GHz. It offers excellent phase accuracy and amplitude balance, enabling high performance direct RF modulation for communication systems. Figure 41. AD8349 and ADL5330 Output Power, ACPR, EVM, and Noise vs. VGAIN for a 1 GHz 64 QAM Waveform with 1 MHz Symbol Rate The output of the AD8349 driving the ADL5330 should be limited to the range that provides the optimal EVM and ACPR performance. The power range is found by sweeping the output power of the AD8349 to find the best compromise between EVM and ACPR of the system. In Figure 41, the AD8349 output power is set to -15 dBm. +5V 120nH +5V +5V 120nH VPOS IBBP DAC DIFFERENTIAL I/Q BASEBAND INPUTS DAC IBBN QBBP QBBN 100pF COMM 100pF VOUT INHI INLO VPOS COMM 100pF OPHI OPLO 100pF ETC1-1-13 100pF LO 100pF ETC1-1-13 RF OUTPUT AD8349 IQ MOD ADL5330 RF VGA 200 GAIN CONTROL 200 05134-034 Figure 42. AD8349 Quadrature Modulator and ADL5330 Interface Rev. A | Page 17 of 24 05134-042 More information on the use of AD8318 in an AGC application can be found in the AD8318 data sheet. 0 1.4 EVM (%) 2.5 ADL5330 WCDMA TRANSMIT APPLICATION ADJACENT/ALTERNATE CHANNEL POWER RATIO (dBc) -20 -30 -40 ACPR +5MHZ OFFSET -50 -60 -70 -80 NOISE -50MHz OFFSET -90 ACPR +10MHZ OFFSET -50 -55 -60 -65 -70 -75 -80 -85 -90 10 NOISE - dBm @ 50MHz CARRIER OFFSET (1MHz BW) 05134-045 Figure 43 shows a plot of the output spectrum of the ADL5330 transmitting a single-carrier WCDMA signal (Test Model 1-64 at 2140 MHz). The carrier power output is approximately -9.6 dBm. The gain control voltage is equal to 1.4 V giving a gain of approximately 14.4 dB. At this power level, an adjacent channel power ratio of -65.61 dBc is achieved. The alternate channel power ratio of -71.37 dBc is dominated by the noise floor of the ADL5330. MARKER 1 [T1] REF LVL -20dBm -20 -30 -40 -50 1 AVG 0.4 dB OFFSET -29.78dBm 2.13996994GHz RBW 30kHz VBW 300kHz SWT 100ms 1 [T1] RF ATT 0dB UNIT dBm A -29.78 dBm 2.13996994 GHz CH PWR -9.56 dBm ACP Up -66.30 dB ACP Low -65.61 dB ALT1 Up -71.37 dB ALT1 Low -72.79 dB -35 -30 -25 -20 -15 -10 -5 OUTPUT POWER (dBm) 0 5 Figure 44. ACPR and Noise vs. Output Power; Single-Carrier WCDMA Input (Test Model 1-64 at 2140 MHz), VGAIN = 1.4 V (Fixed) 1RM EXT -60 -70 -80 -90 -100 -110 -120 CENTER 2.14GHz 2.46848MHz/ SPAN 24.6848MHz CL2 CL2 CL1 C0 CL1 CU1 CU1 CU2 05134-043 Figure 45 shows how output power, ACPR, and noise vary with the gain control voltage. VGAIN is varied from 0 V to 1.4 V and input power is held constant at -19 dBm. 10 -20 -30 OUTPUT POWER -40 -50 ACPR 5MHz -30 -40 -50 -60 -70 0.4 ACPR 10MHz NOISE -50MHz OFFSET -60 -70 -80 -90 -100 1.4 C0 0 CU2 -10 -20 Figure 43. Single-Carrier WCDMA Spectrum at 2140 MHz; VGAIN = 1.4 V, PIN = -23 dBm Figure 44 shows how ACPR and noise vary with different input power levels (gain control voltage is held at 1.4 V). At high power levels, both adjacent and alternate channel power ratios sharply increase. As output power drops, adjacent and alternate channel power ratios both reach minima before the measurement becomes dominated by the noise floor of the ADL5330. At this point, adjacent and alternate channel power ratios become approximately equal. As the output power drops, the noise floor, measured in dBm/ Hz at 50 MHz carrier offset, initially falls and then levels off. 0.5 0.6 0.7 0.8 0.9 VGAIN (V) 1.0 1.1 1.2 1.3 Figure 45. Output Power, ACPR, and Noise vs. VGAIN; Single-Carrier WCDMA (Test Model 1-64 at 2140 MHz) Input at -19 dBm Rev. A | Page 18 of 24 ACPR (dBc) NOISE @ 50MHz OFFSET (1MHz BW) OUTPUT POWER (dBm) 05134-044 -100 -40 ADL5330 CDMA2000 TRANSMIT APPLICATION To test the compliance to the CDMA2000 base station standard, an 880 MHz, three-carrier CDMA2000 test model signal (forward pilot, sync, paging, and six traffic, as per 3GPP2 C.S0010-B, Table 6.5.2.1) was applied to the ADL5330. A cavitytuned filter with a 4.6 MHz pass band was used to reduce noise from the signal source being applied to the device. Figure 46 shows the spectrum of the output signal under nominal conditions. Total POUT of the three-carrier signal is equal to 0.46 dBm and VGAIN = 1.4 V. Adjacent and alternate channel power ratio is measured in a 30 kHz bandwidth at 750 kHz and 1.98 MHz carrier offset, respectively. MARKER 1 [T1] REF LVL -10dBm -10 -20 -30 -40 1 AVG 0.4 dB OFFSET The results show that up to a total output power of +8 dBm, ACPR remains in compliance with the standard (<-45 dBc @ 750 kHz and <-60 dBc @ 1.98 MHz). At low output power levels, ACPR at 1.98 MHz carrier offset degrades as the noise floor of the ADL5330 becomes the dominant contributor to measured ACPR. Measured noise at 4 MHz carrier offset begins to increase sharply above 0 dBm output power. This increase is not due to noise but results from increased carrier-induced distortion. As output power drops below 0 dBm total, the noise floor drops towards -85 dBm. With a fixed input power of -23 dBm, the output power was again swept by exercising the gain control input. VGAIN was swept from 0 V to 1.4 V. The resulting total output power, ACPR, and noise floor are shown in Figure 48. 10 -30 -40 OUTPUT POWER -50 -60 ACPR 750kHz OFFSET ACPR 1.98MHz OFFSET -40 -50 -60 0 0.2 0.4 NOISE 4MHz OFFSET 0.6 0.8 VGAIN (V) 1.0 1.2 -80 -90 -70 -18.55dBm 880.00000000MHz 1 RBW 30kHz VBW 300kHz SWT 200ms 1 [T1] CH PWR ACP Up ACP Low ALT1 Up ALT1 Low ALT2 Up ALT2 Low RF ATT 10dB MIXER -10dBm UNIT dBm -18.55dBm 880MHz 0.46dBm -65.13dB -64.40dB -89.05dB -83.68dB -80.72dB -81.24dB A TOTAL OUTPUT POWER (dBm) 0 -10 -20 -30 1RM EXT -50 -60 -70 -80 -90 -100 -110 CENTER 880MHz 1.5MHz/ CL3 CL3 CL2 CL2 CL1 CL1 C0 C0 CU1 CU1 CU2 CU2 CU3 SPAN 15MHz 05134-046 Figure 46. 880 MHz Output Spectrum, Three-Carrier CDMA2000 Test Model at -23 dBm Total Input Power, VGAIN = 1.4 V, ACPR Measured at 750 kHz and 1.98 MHz Carrier Offset, Input Signal Filtered Using a Cavity Tuned Filter (Pass Band = 4.6 MHz) Figure 48. Total Output Power and ACPR vs. VGAIN, 880 MHz Three-Carrier CDMA2000 Test Model at -23 dBm Total Input Power; ACPR Measured in 30 kHz Bandwidth at 750 kHz and 1.98 MHz Carrier Offset In testing, by holding the gain control voltage steady at 1.4 V, input power was swept. Figure 47 shows ACPR and noise floor vs. total output power. Noise floor is measured at 1 MHz bandwidth at 4 MHz carrier offset. -30 -40 -50 -0 Above VGAIN = 0.4 V, the ACPR is still in compliance with the standard. As the gain control input drops below 1.0 V, the noise floor drops below -90 dBm. SOLDERING INFORMATION On the underside of the chip scale package, there is an exposed compressed paddle. This paddle is internally connected to the chip's ground. Solder the paddle to the low impedance ground plane on the printed circuit board to ensure specified electrical performance and to provide thermal relief. It is also recommended that the ground planes on all layers under the paddle be stitched together with vias to reduce thermal impedance. -20 -30 ACPR 750kHz OFFSET -40 -50 -60 ACPR 1.98MHz OFFSET -70 NOISE 4MHz OFFSET -80 -90 15 -60 -70 -80 -90 -100 -110 -120 -30 -25 -20 -15 -10 -5 0 5 TOTAL OUTPUT POWER (dBm) 10 Figure 47. ACPR vs. Total Output Power, 880 MHz Three-Carrier CDMA2000 Test Model; VGAIN = 1.4 V (Fixed), ACPR Measured in 30 kHz Bandwidth at 750 kHz and 1.98 MHz Carrier Offset Rev. A | Page 19 of 24 05134-047 NOISE - dBm @ 4MHz CARRIER OFFSET (1MHz RBW) -10 ACPR - dBc (30kHz RBW) 05134-048 CU3 -100 1.4 ACPR (dBc) NOISE - 4MHz CARRIER OFFSET - (1MHz RBW) ADL5330 EVALUATION BOARD Figure 49 shows the schematic of the ADL5330 evaluation board. The silkscreen and layout of the component and circuit sides are shown in Figure 50 through Figure 53. The board is powered by a single-supply in the 4.75 V to 5.25 V range. The power supply is decoupled by 100 pF and 0.1 F capacitors at each power supply pin. Additional decoupling, in the form of a series resistor or inductor at the supply pins, can also be added. Table 5 details the various configuration options of the evaluation board. The output pins of the ADL5330 require supply biasing with 120 nH RF chokes. Both the input and output pins have 50 differential impedances and must be ac-coupled. These pins are converted to single-ended with a pair of baluns (M/A-COM part number ETC1-1-13). Instead of using balun transformers, lumped-element baluns comprising passive L and C components can be designed. Alternate input and output RF paths with component pads are available on the circuit side of the board. Components M1 through M9 are used for the input interface, and M10 through M18 are used for the output interface. DC blocking capacitors of 100 pF must be installed in C15 and C16 for the input and C17 and C18 for the output. The C5, C6, C11, and C12 capacitors must be removed. An alternate set of SMA connectors, INPUT2 and OUT2, are used for this configuration. The ADL5330 can be driven single-ended; use the RF input path on the circuit side of the board. A set of 100 pF dc blocking capacitors must be installed in C15 and C16. C5 and C6 must be removed. Use the INPUT2 SMA to drive one of the differential input pins. The unused pin should be terminated to ground, as shown in Figure 34. The ADL5330 is enabled by applying a logic high voltage to the ENBL pin by placing a jumper across the SW1 header in the O position. Remove the jumper for disable. This pulls the ENBL pin to ground through the 10 k resistor. Rev. A | Page 20 of 24 VPOS VPOS SMA C2 0.1F C14 0.1F R12 0 C1 100pF C13 100pF C11 100pF R1 0 R3 0 GAIN R5 0 VPOS C5 100pF C8 0.1F C7 100pF L1 120nH R13 10k R2 0 SW1 VPOS GAIN VPS2 VPS2 VPS2 C6 100pF COM1 INHI M4 OPEN INLO COM1 VPS1 COM2 VPS2 VPOS R4 0 OPLO M5 OPEN C15 OPEN OPHI COM2 VPS1 ENBL VPS2 INPUT VPS2 L2 120nH T1 T2 OUT C12 100pF VREF IPBS OPBS COM1 GNLO COM2 Figure 49. Evaluation Board Schematic Rev. A | Page 21 of 24 M1 OPEN ADL5330 C17 OPEN M12 OPEN M11 OPEN M10 OPEN R6 0 C10 100pF C18 OPEN M14 OPEN M13 OPEN INPUT2 C3 0.1F C4 100pF M3 OPEN M6 OPEN OUT2 M7 OPEN C16 OPEN R8 0 R14 OPEN R7 0 IPBS R10 1nF R15 OPEN M8 OPEN VREF M9 OPEN M15 OPEN C9 0.1F VPOS R9 0 IPBS R11 1nF M17 OPEN M16 OPEN M18 OPEN M2 OPEN 05134-049 ADL5330 ADL5330 Table 5. Evaluation Board Configuration Options Components C1 to C4, C7 to C10, C13, C14, R2, R4, R5, R6, R12 Function Power Supply Decoupling. The nominal supply decoupling consists of 100 pF and 0.1 F capacitors at each power supply pin (the VPS2 pins, Pin 18 to Pin 22, share a pair of decoupling capacitors because of their proximity). A series inductor or small resistor can be placed between the capacitors for additional decoupling. Input Interface. The 1:1 balun transformer T1 converts a 50 single-ended input to the 50 differential input. C5 and C6 are dc blocks. Output Interface. The 1:1 balun transformer T2 converts the 50 differential output to 50 single-ended output. C11 and C2 are dc blocks. L3 and L4 provide dc biases for the output. Enable Interface. The ADL5330 is enabled by applying a logic high voltage to the ENBL pin by placing a jumper across SW1 to the O position. Remove the jumper for disable. To exercise the enable function by applying an external high or low voltage, use the pin labeled O on the SW1 header. Alternate Input/Output Interface. The circuit side of the evaluation board offers an alternate RF input and output interface. A lumped-element balun can be built using L and C components instead of using the balun transformer (see the Applications section). The components, M1 through M9, are used for the input, and M10 through M18 are used for the output. To use the alternate RF paths, disconnect the dc blocking capacitors (Capacitor C5 and Capacitor C6 for the input and Capacitor C11 and Capacitor C12 for the output). Place 100 pF dc blocking capacitors on C15, C16, C17, and C18. Use the alternate set of SMA connectors, INPUT2 and OUT2. Default Conditions C1, C4, C7, C10, C13 = 100 pF (size 0603) C2, C3, C8, C9, C14 = 0.1 F (size 0603) R2, R4, R5, R6, R12 = 0 (size 0402) T1 = ETC1-1-13 (M/A-COM) C5, C6 = 100 pF (size 0603) T2 = ETC1-1-13 (M/A-COM) C11, C12 = 100 pF (size 0603) L1, L2 = 120 nH (size 0805) SW1 = installed R1 = 0 (size 0402) R13 = 10 k (size 0402) M1 to M18 = not installed (size 0603) C15 to C18 = not installed (size 0603) T1, C5, C6 T2, C11, C12, L1, L2 SW1, R1, R13 C15 to C18, M1 to M18 Rev. A | Page 22 of 24 ADL5330 Figure 50. Component Side Silkscreen 05134-051 Figure 52. Component Side Layout 05134-050 Figure 51. Circuit Side Silkscreen Figure 53. Circuit Side Layout Rev. A | Page 23 of 24 05134-052 05134-053 ADL5330 OUTLINE DIMENSIONS 4.00 BSC SQ 0.60 MAX 0.60 MAX 19 18 EXPOSED PAD (BO TTOMVIEW) PIN 1 INDICATOR 24 1 PIN 1 INDICATOR TOP VIEW 3.75 BSC SQ 0.50 BSC 0.50 0.40 0.30 *2.45 2.30 SQ 2.15 6 13 12 7 0.23 MIN 2.50 REF 1.00 0.85 0.80 12 MAX 0.80 MAX 0.65 TYP 0.05 MAX 0.02 NOM 0.30 0.23 0.18 0.20 REF COPLANARITY 0.08 SEATING PLANE *COMPLIANT TO JEDEC STANDARDS MO-220-VGGD-2 EXCEPT FOR EXPOSED PAD DIMENSION Figure 54. 24-Lead Lead Frame Chip Scale Package [LFCSP_VQ] 4 mm x 4 mm Body, Very Thin Quad (CP-24-2) Dimensions shown in millimeters ORDERING GUIDE Model ADL5330ACPZ-WP 1, 2 ADL5330ACPZ-REEL71 ADL5330ACPZ-R21 ADL5330-EVAL 1 2 Temperature Range -40C to +85C -40C to +85C -40C to +85C Package Description 24-Lead Lead Frame Chip Scale Package (LFCSP_VQ) 24-Lead Lead Frame Chip Scale Package (LFCSP_VQ) 24-Lead Lead Frame Chip Scale Package (LFCSP_VQ) Evaluation Board Package Option CP-24-2 CP-24-2 CP-24-2 Ordering Quantity 64 1,500 250 1 Z = Pb-free part. WP = waffle pack. (c) 2005 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D05134-0-6/05(A) Rev. A | Page 24 of 24 |
Price & Availability of ADL533005 |